Part Number Hot Search : 
T8008FNL RC686K1 MBR1035 NV73A1JT 05416705 348KFK S30S45 79L12
Product Description
Full Text Search
 

To Download MMBT2222AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2222AW
3 1 2
SOT-323(SC-70) VCEO
Value
150 833 TJ ,Tstg -55 to+150
MMBT2222AW=P1
(1)
u
1. Pulse Test: Pulse Width
300us, Duty Cycle
2.0%
WEITRON
http://www.weitron.com.tw
MMBT2222AW
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
ON CHARACTERISTICS (1)
DC Current Gain (IC=0.1 mAdc, VCE=10 Vdc) (IC=1.0 mAdc, VCE=10 Vdc) (IC=10 mAdc, VCE=10 Vdc) (IC=150mAdc, VCE=10 Vdc) (IC=500 mAdc, VCE=10 Vdc) Collector-Emitter Saturation Voltage (IC=150 mAdc, IB=15mAdc) (IC=500 mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (IC=150 mAdc, IB=15mAdc) (IC=500 mAdc, IB=50mAdc) VCE(sat) 35 50 75 100 40 0.6 300 0.3 1.0 1.2 2.0 Vdc Vdc -
hFE
VBE(sat)
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (IC=20 mAdc, VCE=20 Vdc, f=100MHz) Output Capacitance (VCB=10 Vdc, IE=0, f=1.0MHz) Input Capacitance (VEB=0.5 Vdc, IC=0, f=1.0MHz) Input Impedance (IC=10 mAdc, VCE=10 Vdc, f=1.0 kHz) Voltage Feeback Radio (IC=10 mAdc, VCE=10 Vdc, f=1.0 kHz) S mall-S ignal C urrent G ain (I C =10 mAdc, V C E =10V dc, f=1.0 kHz) Output Admittance (IC=10 mAdc, VCE=10Vdc, f=-1.0kHz) Collector Base Time Constant (IE=20 mAdc, VCB=20 Vdc, f=31.8 MHz) Noise Figure (IC=100 Adc, VCE=10Vdc, RS=1.0k, f=1.0kHz) fT Cobo Cibo hie hre 300 0.25 75 25 8.0 25 1.25 4.0 375 200 150 4.0 MHz pF pF k x 10-4 mhos ps dB
hfe hoe rb, Cc NF
WEITRON
http://www.weitron.com.tw
MMBT2222AW
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
SWITCHING CHARACTERISTICS (MMBT2222A only)
Delay Time Rise Time Storage Time Fall Time (VCC=30 Vdc, VBE=(off)=-0.5Vdc, IC=150 mAdc, IB1=15 mAdc) (VCC=30 Vdc, IC=150 mAdc, IB1=IB2=15 mAdc) td tr ts tf 10 25 225 60 ns
ns
3.Pulse Test:Pulse Width< 300 s, Duty Cycle< 2.0%. = = 4.fT is defined as the frequency at which Ihfe extrapolates to unity.
Typical Characteristics
hFE-TYPICAL PULSED CURRENT GAIN 500 VCE=5V 400 300 200 25 C 100 -40 C 0 0.1 0.3 1 3 10 30 Ic-COLLECTOR CURRENT (mA) 100 300 125 C
VCESAT COLLECTOR-EMITTER VOLTAGE (V)
Typical Pulsed Current Gain vs Collector Current
Collector- Emitter Saturation Voltage vs Collector Current
0.4 b=10 0.3 125 C 25 C 0.1 -40 C 1 10 100 500
0.2
Ic-COLLECTOR CURRENT (mA)
Base-Emitter Saturation Voltage vs Collector Current
VBESAT BASE-EMITTER VOLTAGE (V)
1 b=10 VBE(ON) BASE-EMITTER ON VOLTAGE (V) 1
Base-Emitter ON Voltage vs Collector Current
VCE=5V 0.8 -40 C 0.6 25 C 125 C
0.8
-40 C 25 C
0.6
125 C
0.4
0.4 1 10 100 500
0.2
0.1
1
10
25
Ic-COLLECTOR CURRENT (mA)
Ic-COLLECTOR CURRENT (mA)
WEITRON
http://www.weitron.com.tw
MMBT2222AW
C0llector-Cutoff Current vs Ambient Temperature
ICBO COLLECTOR CURRENT (nA)
500 100 10 1 0.1 VCB=40V 20 f=1MHz
Emitter Transition and Output Capacitance vs Reverse Bias Voltage
CAPACITANCE(pF)
16 12 8 4 Cob 0.1 1 10 100 Cte
25
50
75
100
125
150
TA-AMBIENT TEMPERATURE ( C)
REVERSE BIAS VOLTAGE (V)
Turn On and Turn Off Times vs Collector Current
400 320 400 1 IB1=IB2= c 10 Vcc=25V 240 160 80 tON 0 10 100 1000 tOFF IB1=IB2= 320
Switching Times vs Collector Current
1c 10
Vcc=25V
TIME (nS)
TIME (nS)
240 160 tr 80 0 tf td 10 100 1000 ts
Ic-COLLECTOR CURRENT(mA)
Ic-COLLECTOR CURRENT(mA)
Power Dissipation vs Ambient Temperature
1
PD-POWER DISSIPATION (W)
0.75
0.5 SOT-23 0.25
0
0
25
50
75
100
125
150
TEMPERATURE( C)
WEITRON
http://www.weitron.com.tw
MMBT2222AW
http://www.weitron.com.tw
WEITRON
MMBT2222AW
SOT-323 Outline Demensions Unit:mm
A
T OP V IE W
B
C
D E G H K L
J
M
Dim A B C D E G H J K L M
SOT-323
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of MMBT2222AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X